Part Number Hot Search : 
2SK2806 SCPHN16 V18LL ISL3172E F60B150 NE5105D N5245B WH1601L
Product Description
Full Text Search
 

To Download REC22-2405SRW4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
REC2.2-SRW4 Series, 2.2W, DIP24, Regul., 4:1 Ultra Wide Input Range (Single Output) Features

2.2W DIL Package 9-36V, 36-72V Ultra Wide Input Range

Short Circuit Protection Regulated Output
UL94V-0 Package Material
Selection Guide
Part Number DIP24 REC2.2-243.3SRW4 REC2.2-2405SRW4 REC2.2-2412SRW4 REC2.2-2415SRW4 REC2.2-4805SRW4 REC2.2-4812SRW4 REC2.2-4815SRW4 Input Voltage (VDC) 9 - 36 9 - 36 9 - 36 9 - 36 18 - 72 18 - 72 18 - 72 Output Voltage (VDC) 3.3 5 12 15 5 12 15 Output Current (mA) 666 440 183 147 440 183 147 Efficiency (%) 73 78 83 83 78 83 83
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Output Accuracy Line Voltage Regulation (10% - 100% Full Load) Output Power Load Voltage Regulation (10% - 100% Full Load) Ripple and Noise (20MHz limited) Efficiency at Full Load Isolation Voltage Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature 9-36VDC, 36-72VDC 1% typ. 0.2% max. 2.2 Watt max.
Output Power (Watts) 3.3 2.2 Safe Operating Area 1.1 0 -40 0 50 100 125 150 85 Operating Temperature C 4.4
0.4% max. 50mVp-p max. up to 83% 1000VDC min. Continuous 100kHz typ. -40C to +85C (see Graph) -55C to +125C
www.recom-international.com
August 2002
EC 69
ECONOLINE - DC/DC-Converter
REC2.2-SRW4 Series, 2.2W, DIP24, Regul., 4:1 Ultra Wide Input Range (Single Output) Package Style and Pinning (mm)
24 PIN DIP Package
3rd angle projection
Top View
+Vin 1 24
32.20 max.
20.32 max.
REC2.2-1205SRW4 RECOM ****
10 11 - Vin 12
15 -Vout 14 +Vout 13
12.70 max.
3.05 min.
2.0
22.86 typ. 2.54
15.24 0.51 typ.
Recommended Footprint Details
2.54
2.54
1.00 o+0.15/-0
XX.X 0.5 mm XX.XX 0.25 mm
EC 70
August 2002
www.recom-international.com


▲Up To Search▲   

 
Price & Availability of REC22-2405SRW4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X